Part Number Hot Search : 
KBP08 AEP15124 SP9502JS UMG9NTR 133BZC FW114 IN74A PMBF5484
Product Description
Full Text Search
 

To Download MAX2010EVK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2972; Rev 0; 9/03
MAX2009/MAX2010 Evaluation Kits
General Description
The MAX2009/MAX2010 evaluation kits (EV kits) simplify the evaluation of the MAX2009 and MAX2010. These kits are fully assembled and tested at the factory. Standard 50 SMA connectors are included for all inputs and outputs to facilitate evaluation on the test bench. Each EV kit provides a list of equipment required to evaluate the device, a test procedure, a circuit schematic, a bill of materials (BOM), and artwork for each layer of the PC board.
Features
o Fully Assembled and Tested o Frequency Range 1200MHz to 2500MHz (MAX2009) 500MHz to 1100MHz (MAX2010) o Up to 12dB ACPR Improvement* o Independent Adjustable Gain and Phase Expansion o Low Power Consumption
*Performance dependent on amplifier, bias, and modulation.
Evaluate: MAX2009/MAX2010
Component Suppliers
SUPPLIER Johnson Murata Skyworks TOKO PHONE 507-833-8822 770-436-1300 781-376-3018 800-745-8656 WEBSITE www.johnsoncomponents.com www.murata.com www.alphaind.com www.toko.com PART MAX2009EVKIT MAX2010EVKIT
Ordering Information
TEMP RANGE -40C to +85C -40C to +85C PIN-PACKAGE 28 Thin QFN-EP* 28 Thin QFN-EP*
*EP = Exposed paddle.
MAX2009 Component List
DESIGNATION C1, C6, C8, C10 QTY 4 DESCRIPTION 8.2pF 0.25pf 50V C0G ceramic capacitors (0402) Murata GRP1555C1H8R2C 1.5pF 0.1pF, 50V C0G ceramic capacitors (0402) Murata GRP1555C1H1R5B 0.01F 10%, 50V X7R ceramic capacitors (0603) Murata GRM188R71H103K 0.5pF 0.1pF, 50V C0G ceramic capacitors (0402) Murata GRP1555C1HR50B Not installed PC board edge mount SMA RF connectors (flat-tab launch) Johnson 142-0741-856 2 x 10 header, 0.100in centers Molex 10-89-1201 1k 5% resistors (0402) MAX2009 28-pin thin QFN-EP Maxim MAX2009ETI-T Hyperabrupt varactor diodes Skyworks SMV1232-079 L1, L2 R1, R2, R3 U1 VR1, VR2 C1, C2, C3, C10
MAX2010 Component List
DESIGNATION QTY 4 DESCRIPTION 100pF 5%, 50V C0G ceramic capacitors (0402) Murata GRP1555C1H101J 0.01F 10%, 50V X7R ceramic capacitors (0603) Murata GRM188R71H103K 15pF 5%, 50V C0G ceramic capacitors (0402) Murata GRP1555C1H150J Not installed 2.2pF 0.1pF, 50V C0G ceramic capacitors (0402) Murata GRP1555C1H2R2B PC board edge-mount SMA RF connectors (flat-tab launch) Johnson 142-0741-856 2 x 10 header, 0.100in centers Molex 10-89-1201 5.6nH 0.3nH chip inductors (0402) TOKO LL1005-FH5N6S 1k 5% resistors (0402) MAX2010 28-pin thin QFN-EP Maxim MAX2010ETI-T Hyperabrupt varactor diodes Skyworks SMV1232-079
C2, C3
2
C4, C5
2
C4, C5
2
C6, C8 C7, C9 C11, C12
2 0 2
C7, C9 C11, C12 J1, J2, J3, J4
2 0 4
J1, J2, J3, J4
4
J5 R1, R2, R3 U1 VR1, VR2
1 3 1 2
J5
1
2 3 1 2
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
MAX2009/MAX2010 Evaluation Kits Evaluate: MAX2009/MAX2010
Quick Start
The MAX2009/MAX2010 EV kits are fully assembled and factory tested. Follow the instructions in the Connections and Setup section for proper device evaluation. 4) With all adjustable power supplies disabled, set their voltages to the recommended values in Table 1. Connect these supplies to PB_IN, PD_CS1, PD_CS2, and PF_S1*. Connect all ground terminals to the header pins labeled GND. 5) Enable the +5V (VCC_P) power supply first, followed by the adjustable supplies. 6) Enable the output power on the network analyzer. 7) With the recommended settings, the AM-PM response of the phase section should provide a phase expansion breakpoint of approximately 4dBm and a slope of approximately 1.2/dB. 8) To power down: First disable the network analyzer, preamplifier, adjustable supplies, and then the +5V (VCC_P) supply.
Test Equipment Required
This section lists the recommended test equipment to verify the operation of the MAX2009/MAX2010. It is intended as a guide only, and substitutions may be possible: * Two DC power supplies capable of delivering +5V and 20mA of continuous current * Four adjustable DC power supplies capable of delivering +5V and 5mA of continuous current * One high-current power supply capable of biasing a preamplifier * One HP 8753D or equivalent network analyzer * One preamplifier with a gain of 25dB in the 500MHz to 1100MHz (MAX2010) or 1200MHz to 2500MHz (MAX2009) frequency range with a minimum output 1dB compression point of 38dBm * One 6dB attenuator * One 3dB high-power attenuator * Two 6dB high-power attenuators
Table 1. Phase Section Control Voltages
PIN (J5) PB_IN PD_CS1 PD_CS2 PF_S1* VOLTAGE (V) 0 0 0 5
*Note: PF_S1 is shorted to PF_S2 on layer 4 of the PC board.
Connections and Setup
Test Set Calibration 1) Set up the test equipment per Figure 1 with the network analyzer output power disabled. 2) Enable the preamplifier. 3) Set the network analyzer to perform a power sweep from -20dBm to +8dBm at the frequency of interest and enable the output power. For the best results, perform the standard network analyzer calibration with everything except the MAX2009/MAX2010 EV kit. 4) After the calibration, leave the preamplifier connected to port 1 of the network analyzer. Testing the Phase Section--Figure 1 1) With the network analyzer's power disabled, connect the output attenuator pad of the preamplifier to the SMA labeled PHASE_IN (J1). 2) Connect the SMA labeled PHASE_OUT (J2) to the attenuator pad on port 2 of the network analyzer. 3) With the +5V supply disabled, connect the positive terminal to the header pin labeled VCC_P. Connect the ground terminal to a header pin labeled GND.
Testing the Gain Section--Figure 2 1) With the network analyzer's output power disabled, connect the output attenuator pad of the preamplifier to the SMA labeled GAIN_IN (J3). 2) Connect the SMA labeled GAIN_OUT (J4) to the attenuator pad on port 2 of the network analyzer. 3) With the +5V supply disabled, connect the positive terminal to the header pin labeled VCC_G. Connect the ground terminal to a header pin labeled GND. 4) With all adjustable power supplies disabled, set their voltages to the recommended values in Table 2. Connect these supplies to G_BP, G_FS, and G_CS. Connect all ground terminals to the header pins labeled GND. 5) Enable the +5V (VCC_G) power supply first, followed by the adjustable supplies. 6) Enable the output power on the network analyzer. 7) With the recommended settings, the AM-AM response of the gain section should provide a gain expansion breakpoint of approximately 5dBm and a slope of approximately 0.5dB/dB. 8) To power down: First disable the network analyzer, preamplifier, adjustable supplies, and then the +5V (VCC_G) supply.
2
_______________________________________________________________________________________
MAX2009/MAX2010 Evaluation Kits
Table 2. Gain Section Control Voltages
PIN (J5) G_BP G_FS G_CS VOLTAGE (V) 1.2 5 1.0
Control pin PBRAW should be shorted to the PBEXP output pin for most applications. Driving PBRAW directly allows for additional control such as obtaining phase compression for some and/or all the input power sweep. Resistor R3 allows the option of driving PBRAW with a low-impedance voltage, which overrides the PBEXP output voltage. Phase-Expansion Slope The phase-expansion slope of the MAX2009/MAX2010 is controlled by the PF_S1, PF_S2, PD_CS1, and PD_CS2 pins. Most applications require PF_S1 and PF_S2 to be driven identically, and therefore they are shorted on layer 4 of the PC board. The phase-expansion slope of the MAX2009/MAX2010 must also be adjusted to equal the opposite slope of the PA's phase-compression curve. Gain-Expansion Breakpoint The G_BP input voltage range of 0.5V to 5.0V corresponds to a breakpoint input power range of -3dBm to 23dBm. In order to achieve the optimal performance, the gain-expansion breakpoint of the MAX2009/ MAX2010 must be set to equal the gaincompression point of the PA. The G_BP control has a minimal effect on the small-signal gain when operated from 0.5V to 5.0V. Gain-Expansion Slope Both G_CS and G_FS pins have an input voltage range of 0V to VCC, corresponding to a slope of approximately 0.1dB/dB to 0.6dB/dB. The slope is set to maximum when VGCS = 0V and VGFS = +5V, and the slope is at its minimum when VGCS = +5V and VGFS = 0V. In addition to properly setting the breakpoint, the gain-expansion slope of the MAX2009/MAX2010 must also be adjusted in order to compensate for the PA's gain compression. The slope should be set using the following equation: MAX20XX_SLOPE = -PA _ SLOPE 1 + PA _ SLOPE
Evaluate: MAX2009/MAX2010
Detailed Description
The following sections describe the tuning methodology best implemented with a class A amplifier. Other classes of operation may require significantly different settings.
Supply Decoupling Capacitors
Capacitors C4 and C5 are 0.01F (10%) and are used for minimizing low-frequency noise on the supply.
External Matching Components
The MAX2009 external matching networks at the input and output of the phase and gain sections consist of C1, C11, C10, C12, C9, C8, C6, C7, along with some high-impedance transmission lines. The MAX2010 matching consists of C1, C11, L1, L2, C10, C12, C9, C8, C6, and C7.
Phase-Tuning Section
Varactors VR1 and VR2 provide fine tuning of the phase-expansion slope. Resistors R1 and R2 provide a high-impedance method to inject control voltage on the varactors. Capacitors C2 and C3 are coupling capacitors that also offset the series parasitic inductance of the chip and PC board. If phase-slope fine tuning is not required in the user's application, then only C2 and C3 to ground are necessary.
Gain and Phase Controls
The MAX2009/MAX2010 controls can provide real-time software-controlled distortion corrections as well as setand-forget tuning by setting the expansion starting point (breakpoint) and the rate of expansion (slope). The gain and phase breakpoints are adjustable over a 20dB input power range. The phase expansion slope is variable from 0.3/dB to 2.0/dB and can be adjusted for a maximum of 24 of phase expansion. The gain expansion slope is variable from 0.1dB/dB to 0.6dB/dB and can be adjusted for a maximum of 7dB gain expansion.
Phase-Expansion Breakpoint
The PB_IN input voltage range of 0V to VCC corresponds to a breakpoint input power range of 3.7dBm to 23dBm. In order to achieve optimal performance, the phase-expansion breakpoint of the MAX2009/ MAX2010 must be set to equal the phase compression point of the PA.
where: MAX20XX_SLOPE = MAX2009/MAX2010 gain section's slope in dB/dB. PA_SLOPE = PA's gain slope in dB/dB, a negative number for compressive behavior. Unlike with the G_BP pin, modifying the gain-expansion slope bias on the G_CS pin causes a change in the part's insertion loss and noise figure. For example, a smaller slope caused by G_CS results in a better insertion loss and lower noise figure.
3
_______________________________________________________________________________________
MAX2009/MAX2010 Evaluation Kits Evaluate: MAX2009/MAX2010
Modifying the EV Kit
The external varactors on the EV kit can be replaced with fixed capacitors if dynamic tuning of the fine phaseexpansion slope through PF_S1 and PF_S2 is not required. A closely matched minimum effective capacitance of 2pF to 6pF must be presented at these pins. Component pads for external filtering components are included for pins PB_IN, PB_RAW, G_BP, G_CS, and G_FS. Pins PF_S1 and PF_S2 are shorted together on the EV kit. If independent control is required, disconnect the trace connecting these two pins on the bottom side of the PC board (pins 19 and 20 of J5). placement of components on the PC board. The package's exposed paddle (EP) dissipates heat from the device and provides a low-impedance electrical connection. The EP must be solder attached to a PC board ground pad. This ground pad should be connected to the lower ground plane using multiple ground vias. The MAX2009/MAX2010 PC boards use a 3 x 3 grid of 0.012in diameter plated through holes. The MAX2009 layout uses high-impedance lines on the input and output paths of the gain section to aid in matching. In an actual application, matching capacitors C7, C9, C11, and C12 could be replaced with a microstrip equivalent solution to reduce component count. In order to provide increased tuning range, the ground plane under the varactor control section has been removed. The MAX2009/MAX2010 EV kits are constructed on FR4 with the top dielectric thickness of 0.015in.
Layout Considerations
The MAX2009/MAX2010 EV kits can serve as guides to board layout. Pay close attention to thermal design and
NETWORK ANALYZER (AG 8753E)
S21 5 / Ref180
+5V POWER SUPPLY (AG E3631A) 6dB HIGH POWER 6dB HIGH POWER V mA
MARKER 1 160
START -20.0 dBm STOP 8.0 dBm
J2 PHASE_OUT
U1 MAX2009/ MAX2010
+5V POWER SUPPLY (AG E3631A) V mA
6dB
PD_CS1
PD_CS2 VCC_P
3dB HIGH GND VCC POWER
J1 PHASE_IN
PF_S2
PB_IN
+5V POWER SUPPLY (AG E3631A)
1 2
PF_S1
20
J5
V
mA
Figure 1. Testing the Phase Section
4
_______________________________________________________________________________________
MAX2009/MAX2010 Evaluation Kits Evaluate: MAX2009/MAX2010
+5V POWER SUPPLY (AG E3631A) V mA 3dB HIGH POWER GND VCC NETWORK ANALYZER (AG 8753E)
S21 2 / Ref-7
MARKER 1 -13dB
+5V POWER SUPPLY (AG E3631A) V mA
U1 MAX2009/ MAX2010
J3 GAIN_IN
START -20.0 dBm STOP 8.0 dBm
J4 6dB HIGH POWER GAIN_OUT 6dB HIGH POWER
6dB
V
mA
20
1 2
G_CS
J5
Figure 2. Testing the Gain Section
_______________________________________________________________________________________
G_FS
+5V POWER SUPPLY (AG E3631A)
VCC_G G_BP
5
MAX2009/MAX2010 Evaluation Kits Evaluate: MAX2009/MAX2010
J4 GAIN_OUT
W = 10 mil L = 160 mil C7
C6
OUTG
GND*
GND*
28 GND* W = 10 mil L = 160 mil C9 GND* C8 ING GND* GND* J2 PHASE_OUT C10 C12 OUTP GND* 1 2 3 4 5 6 7
27
26
25
24
23
GND* 22 21 20 VCCG GND* PBRAW PBEXP PBIN GND* VCCP C4 R3 C5 G_CS G_FS G_BP VCC_G PB_RAW PB_IN VCC_P PD_CS2 PD_CS1 PF_S2 20 PF_S1 1
GCS
GBP
GFS
J5 2
J3 GAIN_IN
U1 MAX2009
19 18 17 16
EXPOSED PADDLE 8 GND* 9 INP 10 GND* 11 PFS1 12 PFS2 13 PDCS1 14 PDCS2 R2 R1
15
J1 PHASE_IN
C1 C2 C11 C3
*INTERNALLY CONNECTED TO EXPOSED PADDLE. PC BOARD DIELECTRIC FR4. RF LAYER DIELECTRIC THICKNESS = 15 mils.
VR1
VR2
Figure 3. MAX2009 EV Kit Schematic
6
_______________________________________________________________________________________
MAX2009/MAX2010 Evaluation Kits Evaluate: MAX2009/MAX2010
J4 GAIN_OUT
C6 C7 OUTG GND* GND* GND* 22 21 20 VCCG GND* PBRAW PBEXP PBIN GND* VCCP C4 R3 C5 G_CS G_FS G_BP VCC_G PB_RAW PB_IN VCC_P PD_CS2 PD_CS1 PF_S2 20 PF_S1 1 GCS GBP 23 GFS 24
28 GND* GND* J3 GAIN_IN C8 ING C9 GND* GND* J2 PHASE_OUT C10 C12 L2 OUTP GND* 1 2 3 4 5 6 7
27
26
25
J5 2
U1 MAX2010
19 18 17 16
EXPOSED PADDLE 8 GND* 9 INP 10 GND* 11 PFS1 12 PFS2 13 PDCS1 14 PDCS2 R2 R1
15
J1 PHASE_IN
C1 C11
L1 C2 C3
*INTERNALLY CONNECTED TO EXPOSED PADDLE. PC BOARD DIELECTRIC FR4. RF LAYER DIELECTRIC THICKNESS = 15 mils.
VR1
VR2
Figure 4. MAX2010 EV Kit Schematic
_______________________________________________________________________________________
7
MAX2009/MAX2010 Evaluation Kits Evaluate: MAX2009/MAX2010
1.0"
1.0"
Figure 5. MAX2009 EV Kit PC Board Layout--Top Silkscreen
Figure 6. MAX2009 EV Kit PC Board Layout--Top Soldermask
1.0"
1.0"
Figure 7. MAX2009 EV Kit PC Board Layout--Top Layer Metal
Figure 8. MAX2009 EV Kit PC Board Layout--Inner Layer 2 (GND)
8
_______________________________________________________________________________________
MAX2009/MAX2010 Evaluation Kits Evaluate: MAX2009/MAX2010
1.0"
1.0"
Figure 9. MAX2009 EV Kit PC Board Layout--Inner Layer 3 (Routes)
Figure 10. MAX2009 EV Kit PC Board Layout--Bottom Layer Metal
1.0"
1.0"
Figure 11. MAX2009 EV Kit PC Board Layout--Bottom Soldermask
Figure 12. MAX2009 EV Kit PC Board Layout--Bottom Silkscreen
_______________________________________________________________________________________
9
MAX2009/MAX2010 Evaluation Kits Evaluate: MAX2009/MAX2010
1.0"
1.0"
Figure 13. MAX2010 EV Kit PC Board Layout--Top Silkscreen
Figure 14. MAX2010 EV Kit PC Board Layout--Top Soldermask
1.0"
1.0"
Figure 15. MAX2010 EV Kit PC Board Layout--Top Layer Metal
Figure 16. MAX2010 EV Kit PC Board Layout--Inner Layer 2 (GND)
10
______________________________________________________________________________________
MAX2009/MAX2010 Evaluation Kits Evaluate: MAX2009/MAX2010
1.0"
1.0"
Figure 17. MAX2010 EV Kit PC Board Layout--Inner Layer 3 (Routes)
Figure 18. MAX2010 EV Kit PC Board Layout--Bottom Layer Metal
1.0"
1.0"
Figure 19. MAX2010 EV Kit PC Board Layout--Bottom Soldermask
Figure 20. MAX2010 EV Kit PC Board Layout--Bottom Silkscreen
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 11 (c) 2003 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX2010EVK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X